Part Number Hot Search : 
RF3604D P1200A07 TW9960 P120NF10 U33M100 10112ZL 52E2410 PN4303
Product Description
Full Text Search
 

To Download HV85707 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HV857 Low Noise, High Voltage EL Lamp Driver IC
Features
Patented audible noise reduction Patented lamp aging compensation 190 VPP output voltage for higher brightness Patented output timing for high efficiency Single cell lithium ion compatible 150nA shutdown current Wide input voltage range 1.8V to 5.0V Separately adjustable lamp and converter frequencies Output voltage regulation Split supply capability Available in MSOP-8 and DFN-8 packages
General Description
The Supertex HV857 is a high voltage driver designed for driving Electroluminescent (EL) lamps of up to 5 square inches. The input supply voltage range is from 1.8V to 5.0V. The device uses a single inductor and a minimum number of passive components. The nominal regulated output voltage that is applied to the EL lamp is 95V. The chip can be enabled/disabled by connecting the resistor on RSW-Osc to VDD/GND. The HV857 has two internal oscillators, a switching MOSFET, and a high voltage EL lamp driver. The frequency for the switching MOSFET is set by an external resistor connected between the RSW-Osc pin and the supply pin VDD. The EL lamp driver frequency is set by an external resistor connected between RELOsc pin and VDD pin. An external inductor is connected between the LX and VDD pins or VIN for split supply applications. A 0.0030.1F capacitor is connected between CS and ground. The EL lamp is connected between VA and VB. The switching MOSFET charges the external inductor and discharges it into the capacitor at CS. The voltage at CS will start to increase. Once the voltage at CS reaches a nominal value of 95V, the switching MOSFET is turned OFF to conserve power. The outputs VA and VB are configured as an H bridge and are switching in opposite states to achieve 95V across the EL lamp.
Applications
LCD backlighting Mobile Cellular Phone PDAs Handheld wireless communication products Global Positioning Systems (GPS)
Typical Application Circuit
ON = VDD OFF = 0 Enable Signal
+ VDD _
CDD
1 RSW
VDD
VA VB CS LX
8 EL Lamp 7 6 D 5 LX CS
2 RSW-Osc 3 REL 4 GND REL-Osc
VIN
+ _
CIN
HV857MG
HV857
Ordering Information
Device HV857 Package Options 8-Lead DFN (K7) HV857K7-G 8-Lead MSOP (MG) HV857MG-G
-G indicates package is RoHS compliant (`Green')
Absolute Maximum Ratings
Parameter Supply Voltage, VDD Operating Temperature Storage Temperature DFN-8 Power Dissipation MSOP-8 Power Dissipation Output voltage, VCS Value -0.5V to 6.5V -40C to +85C -65C to +150C 1.6W 300mW -0.5 to +120V
Pin Configuration
Top View
VDD 1 RSW-Osc 2 8 VA 7 VB
MSOP-8
REL-Osc 3 GND 4 6 CS 5 LX
HV857MG
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is not implied. Continuous operation of the device at the absolute rating level may affect device reliability. All voltages are referenced to device ground.
VDD RSW-Osc REL-Osc GND
1 2 3 4
8 7
VA VB CS LX
DFN-8
6 5
Thermal Resistance
Package DFN-8 MSOP-8
Mounted on FR4 board, 25mm x 25mm x 1.57mm
ja 60OC/W 330OC/W
HV857K7
Pads are at the bottom of the package Exposed center pad is at ground potential
Recommended Operating Conditions
Symbol VDD fEL TA Parameter Supply voltage Operating drive frequency Operating temperature Min 1.8 -40 Typ Max 5.0 1 +85 Units V kHz
O
Conditions -------
C
Enable/Disable Function Table
Symbol EN-L EN-H Parameter Logic input low voltage Logic input high voltage Min 0 VDD - 0.2 Typ Max 0.2 VDD Units V V Conditions VDD = 1.8V to 5.0V VDD = 1.8V to 5.0V
Electrical Characteristics
DC Characteristics (Over recommended operating conditions unless otherwise specified, T =25C)
A
Symbol RDS(ON) VCS VA - VB IDDQ
Parameter On-resistance of switching transistor Max. output regulation voltage Peak to Peak output voltage Quiescent VDD supply current
Min 85 170 -
Typ 95 190 -
Max 6.0 105 210 150
Units V V nA
Conditions I = 100mA VDD=1.8V to 5.0V VDD=1.8V to 5.0V RSW-Osc = Low
2
HV857
Electrical Characteristics (cont.)
Symbol IDD IIN VCS fEL fSW D Parameter Input current going into the VDD pin Input current including inductor current Output voltage on VCS EL lamp frequency Switching transistor frequency Switching transistor duty cycle Min 205 Typ 20 84 240 80 88 Max 150 25 275 Units A mA V Hz kHz % Conditions VDD= 1.8V to 5.0V. See Figure 1 See Figure 1* See Figure 1 See Figure 1 See Figure 1 See Figure 1
* The inductor used is a 220H Murata inductor, max DC resistance of 8.4, part # LQH32CN221K21.
Block Diagram
LX VDD CS
RSW-Osc
Switch Osc Q
GND Disable C
VA
+ _
VREF
VSENSE Q High Voltage Level Translator Q VB Q
VDD
EL Osc
REL-Osc
Figure 1: Typical Application/ Test Circuit
ON = VDD OFF = 0V 560k 0.1F 2.0M
4 GND 1 VDD 2 RSW-Osc 3 REL-Osc
Enable Signal 2.0k VA 8 VB 7 CS 6 BAS21 LX 5 Equivalent to 3.0in2 lamp 10nF
+
VDD
-
HV857MG
+
VIN 4.7F 220H* 3.3nF, 100V
* Murata Inductor LQH32CN221K21
3
HV857
Typical Performance
Device HV857MG-G Lamp Size 3.0in2 VDD = VIN 3.3V IIN 20.0mA VCS 84V fEL 240Hz Brightness 6.0ft-lm
Typical Performance Curves for Figure 1 (EL Lamp = 3.0in , V
2
DD
= 3.0V)
VCS vs VIN 95
VCS (V) lIN (mA)
IIN vs VIN 25 23 21 19 17 15 13 1.5
85 75 65 55 1.5 2.5 3.5 VIN (V) 4.5 5.5
2.5
3.5 VIN (V)
4.5
5.5
Brightness vs VIN 7 6 5 4 3 2 1 1.5
24 22
Brightness (ft-lm)
IIN vs VCS
lIN (mA)
20 18 16
2.5
3.5 VIN (V)
4.5
5.5
14 55
65
75 VCS (V)
85
95
IIN, VCS, Brightness vs Inductor Value 100 90 6 80 70 VCS 5 Brightness 4 3 Iin 2 7
60 50 40 30 20 10 0 100
lIN
1 0
150
200
250
300
350
400
450
500
550
600
Inductor Value (H)
4
Brightness (ft-lm)
lin (mA), VCS (V)
HV857
External Component Description
External Component Diode CS Capacitor Description Fast reverse recovery diode, BAS21 diode or equivalent. 0.003F to 0.1F, 100V capacitor to GND is used to store the energy transferred from the inductor. The EL lamp frequency is controlled via an external REL resistor connected between REL-Osc and VDD of the device. The lamp frequency increases as REL decreases. As the EL lamp frequency increases, the amount of current drawn from the battery will increase and the output voltage VCS will decrease. The color of the EL lamp is dependent upon its frequency. REL Resistor A 2M resistor would provide lamp frequency of 205 to 275Hz. Decreasing the REL resistor by a factor of 2 will increase the lamp frequency by a factor of 2. fEL = (2M)(240Hz) REL
RSW Resistor
The switching frequency of the converter is controlled via an external resistor, RSW between RSW-Osc and VDD of the device. The switching frequency increases as RSW decreases. With a given inductor, as the switching frequency increases, the amount of current drawn from the battery will decrease and the output voltage, VCS, will also decrease. fSW = (560k)(80kHz) RSW
LX Inductor
The inductor LX is used to boost the low input voltage by inductive flyback. When the internal switch is on, the inductor is being charged. When the internal switch is off, the charge stored in the inductor will be transferred to the high voltage capacitor CS. The energy stored in the capacitor is connected to the internal H-bridge, and therefore to the EL lamp. In general, smaller value inductors, which can handle more current, are more suitable to drive larger size lamps. As the inductor value decreases, the switching frequency of the inductor (controlled by RSW) should be increased to avoid saturation. A 220H Murata (LQH32CN221) inductor with 8.4 series DC resistance is typically recommended. For inductors with the same inductance value, but with lower series DC resistance, lower RSW resistor value is needed to prevent high current draw and inductor saturation. As the EL lamp size increases, more current will be drawn from the battery to maintain high voltage across the EL lamp. The input power, (VIN x IIN), will also increase. If the input power is greater than the power dissipation of the package, an external resistor in series with one side of the lamp is recommended to help reduce the package power dissipation.
Lamp
5
HV857
Split Supply Configuration
The HV857 can also be used for handheld devices operating from a battery where a regulated voltage is available. This is shown in Figure 2. The regulated voltage can be used to run the internal logic of the HV857. The amount of current necessary to run the internal logic is 150A Max at a VDD of 3.0V. Therefore, the regulated voltage could easily provide the current without being loaded down.
Enable/Disable Configuration
The HV857 can be easily enabled and disabled via a logic control signal on the RSW and REL resistors as shown in Figure 2 below. The control signal can be from a microprocessor. The control signal has to track the VDD supply. RSW and REL are typically very high values. Therefore, only 10's of microamperes will be drawn from the logic signal when it is at a logic high (enable) state. When the microprocessor signal is high the device is enabled, and when the signal is low, it is disabled.
Figure 2: Split Supply and Enable/Disable Configuration
ON = VDD OFF = 0V Regulated Voltage = VDD CDD 1 VDD 2 RSW-Osc 3 REL-Osc REL 4 GND LX 5 LX CS VA 8 VB 7 EL Lamp CS 6 D Enable Signal
RSW
HV857MG
+ VIN CIN
Audible Noise Reduction
This section describes a method (patented) developed at Supertex to reduce the audible noise emitted by the EL lamps used in application sensitive to audible noise. Figure 3 shows a general circuit schematic that uses the resistor, RSER, connected in series with the EL lamp.
Figure 3: Typical Application Circuit for Audible Noise Reduction
ON = VDD OFF = 0V RSER 1 VDD 2 RSW-Osc 3 REL-Osc REL 4 GND LX 5 LX VA 8 VB 7 EL Lamp CS 6 D Enable
+
VDD
CDD
RSW
-
HV857MG
+
VIN CIN
CS
-
6
HV857
Minimization of EL Lamp Audible Noise
The EL lamp, when lit, emits an audible noise. This is due to EL lamp construction and it creates a major problem for applications where the EL lamp can be close to the ear such as cellular phones. The noisiest waveform is a square wave and the quietest waveform has been assumed to be a sine wave. After extensive research, Supertex has developed a waveform that is quieter than a sine wave. The waveform takes the shape of approximately 2RC time constants for rising and 2RC time constants for falling, where C is the capacitance of the EL lamp, and R is the external resistor, RSER, connected in series with the EL lamp. This waveform has been proven to generate less noise than a sine wave. The audible noise from the EL lamp can be set at a desired level based on the series resistor value used with the lamp. It is important to note that use of this resistor will reduce the voltage across the lamp. Reduction of voltage across the lamp will also have another effect on the over all performance of the Supertex EL drivers, age compensation (patented). This addresses a very important issue, EL lamp life that most mobile phone manufacturers are concerned about.
Effect of Series Resistor on EL Lamp Audible Noise and Brightness
As EL lamp ages, its brightness is reduced and its capacitance is diminished. By using the RC model to reduce the audible noise emitted by the EL lamp, the voltage across the lamp will increase as its capacitance diminishes. Hence the increase in voltage will compensate for the reduction of the brightness. As a result, it will extend the EL lamp's half-life (half the original brightness). Increasing the value of the series resistor with the lamp will reduce the EL lamp audible noise as well as its brightness. This is due to the fact that the output voltage across the lamp will be reduced and the output waveform will have rounder edges.
7
HV857
8-Lead DFN Package Outline (K7)
3x3mm body, 0.80mm height (max), 0.65mm pitch
D 8 D2 8
E Note 1 (Index Area D/2 x E/2)
E2
1
1
Note 1 (Index Area D/2 x E/2)
Top View
View B
Bottom View
Note 3
A
A3 b e
Seating Plane Note 2
L L1
A1
Side View
View B
Notes: 1. Details of Pin 1 identifier are optional, but must be located within the indicated area. The Pin 1 identifier may be either a mold, or an embedded metal or marked feature. 2. Depending on the method of manufacturing, a maximum of 0.15mm pullback (L1) may be present. 3. The inner tip of the lead may be either rounded or square.
Symbol MIN Dimension (mm) NOM MAX
A 0.70 0.75 0.80
A1 0.00 0.02 0.05
A3 0.20 REF
b 0.25 0.30 0.35
D 2.85 3.00 3.15
D2 1.60 2.50
E 2.85 3.00 3.15
E2 1.35 1.75
e 0.65 BSC
L 0.30 0.40 0.50
L1 0.15
0O 14O
JEDEC Registration MO-229, Variation WEEC-2, Issue C, Aug. 2003. Drawings not to scale
8
HV857
8-Lead MSOP Package Outline (MG)
3x3mm body, 1.10mm height (max), 0.65mm pitch
D 8
1 (x4)
E E1
Note 1 (Index Area D1/2 x E1/2) L L2 Gauge Plane
1
L1
Seating Plane
Top View A
View B View B
A
A2
Seating Plane
A1
e
b
A
Side View
View A-A
Note 1: A Pin 1 identifier must be located in the index area indicated. The Pin 1 identifier may be either a mold, or an embedded metal or marked feature.
Symbol Dimension (mm) MIN NOM MAX
A 0.75 1.10
A1 0.00 0.15
A2 0.75 0.85 0.95
b 0.22 0.38
D 2.80 3.00 3.20
E 4.65 4.90 5.15
E1 2.80 3.00 3.20
e 0.65 BSC
L 0.40 0.60 0.80
L1 0.95 REF
L2 0.25 BSC
0 8
O
1 5O 15O
O
JEDEC Registration MO-187, Variation AA, Issue E, Dec. 2004. Drawings not to scale.
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information go to http://www.supertex.com/packaging.html.)
Doc.# DSFP-HV857 NR110806
9


▲Up To Search▲   

 
Price & Availability of HV85707

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X